Electronic Components Datasheet Search
  English  ▼

X  

ICS85408I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS85408I
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85408I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS85408I Datasheet HTML 4Page - Integrated Device Technology ICS85408I Datasheet HTML 5Page - Integrated Device Technology ICS85408I Datasheet HTML 6Page - Integrated Device Technology ICS85408I Datasheet HTML 7Page - Integrated Device Technology ICS85408I Datasheet HTML 8Page - Integrated Device Technology ICS85408I Datasheet HTML 9Page - Integrated Device Technology ICS85408I Datasheet HTML 10Page - Integrated Device Technology ICS85408I Datasheet HTML 11Page - Integrated Device Technology ICS85408I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ICS85408I Datasheet
LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS85408BGI REVISION B JULY 2, 2009
8
©2009 Integrated Device Technology, Inc.
Parameter Measurement Information, continued
Output Rise/Fall Time
Differential Output Voltage Setup
Differential Output Short Circuit Setup
Offset Voltage Setup
Power Off Leakage Setup
Output Short Circuit Current Setup
20%
80%
80%
20%
tR
t F
VOD
Q[0:7]
nQ[0:7]
➤
100
out
out
LVDS
DC Input
VOD/∆ VOD
V
DD
out
out
LVDS
DC Input
➤
I
OSD
V
DD
out
out
LVDS
DC Input
➤
VOS/∆ VOS
V
DD
LVDS
➤
I
OFF
V
DD
out
LVDS
DC Input
➤
IOS
➤
IOSB
V
DD
out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com