Electronic Components Datasheet Search
  English  ▼

X  

INT070ATFT Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # INT070ATFT
Description  LCD Module Product Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT070ATFT Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button INT070ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 12Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 13Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 14Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 15Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Displaytech Ltd
LCD MODULE
INT070ATFT / INT070ATFT-TS
Version: 2.1
13
Note 4:
The definition of contrast ratio (Test LCM using PR-705):
Contrast Ratio (CR) =
Luminance When LCD is at “White” state
Luminance When LCD is at “Black” state
(Contrast Ratio is measured in optimum common electrode voltage)
Note 5:
Definition of Response time. (Test LCD using DMS501):
The output signals of photo detector are measured when the input signals are changed from “black” to
“white” (falling time) and from “white” to “black” (rising time), respectively.
The response time is defined as the time interval between the 10% and 90% of amplitudes. Refer to figure
as below.
The definition of response time
Note 6:
Definition of Color of CIE Coordinate and NTSC Ratio.
Color gamut:
S =
area of RGB triangle
x 100%
area of NTSC triangle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com