Electronic Components Datasheet Search
  English  ▼

X  

INT070ATFT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # INT070ATFT
Description  LCD Module Product Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT070ATFT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  INT070ATFT Datasheet HTML 1Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 2Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 3Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 4Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Displaytech Ltd
LCD MODULE
INT070ATFT / INT070ATFT-TS
Version: 2.1
1
1. REVISION RECORD
VERSION
CHANGES
DATE
1.0
Initial revision
28 September 2011
1.1
Added “Power Consumption” section, changed the temperature
range for –TS version, and updated the mechanical drawings
3 November 2011
2.0
Change pin#38 to +5.0V at page 5, 7, & 9.
January 2, 2013
2.1
Added voltage and current details for pin#38 at page 10
January 3, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com