Electronic Components Datasheet Search
  English  ▼

X  

INT070ATFT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # INT070ATFT
Description  LCD Module Product Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT070ATFT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  INT070ATFT Datasheet HTML 1Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 2Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 3Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 4Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Displaytech Ltd
LCD MODULE
INT070ATFT / INT070ATFT-TS
Version: 2.1
3
2. Introduction
INT070ATFT
and INT070ATFT-TS are integrated display module based upon a TFT
display with a 480 x 800 RGB resolution. The TFT module is mounted on a PCB on which
is mounted a Solomon SSD1963 controller with integrated touch screen control and PWM
driving circuit for the LED backlight. The TFT module is automatically initialised upon
power up by an on-board controller circuit.
3. Features
• 8080/6800 MCU Interface (1)
• Built-in 1215K bytes frame buffer. Support up to 864 x 480 at 24bpp display
• Deep sleep mode for power saving
• Screen display rotation
• Display vertical scrolling
• Display mirroring
• Programmable contrast and saturation control
• Auto initialisation (2)
• Embedded 4-Wires Touch Panel Controller
• Embedded PWM control and LED driving circuit for backlight
Remarks:
(1) MCU Interface is selected by soldering option as below.
•
8080 interface (Default setting): R4 is with 0 ohm resistor / R19 is opened.
•
6800 interface (By request): R19 is with 0 ohm resistor / R4 is opened.
•
8/9/16/18-bit MCU interface are available.
(2) “Auto Initialisation” takes around half second to complete, customer is suggested to add an
one second delay at the beginning of their program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com