Electronic Components Datasheet Search
  English  ▼

X  

INT070ATFT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # INT070ATFT
Description  LCD Module Product Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT070ATFT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  INT070ATFT Datasheet HTML 1Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 2Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 3Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 4Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Displaytech Ltd
LCD MODULE
INT070ATFT / INT070ATFT-TS
Version: 2.1
4
4. General Specifications
Item
Specification
Unit
LCD mode
Transmissive
---
Resolution
800(RGB)
Line
480
Line
Diagonal Size
7.0
Inch
Overall Size
175.00
mm
103.00
mm
Active area
154.08
mm
85.92
mm
Optimum Viewing Direction
6 o’clock (1)
---
Controller IC
Solomon SSD1963;
MAX11802 (Touch screen)
---
Interface type
8080/6800 with 8/9/16/18 Data
Bus Width (2)
---
Colours
16.7M
---
Operation temperature range
-20~70
°C
Storage temperature range
-30~80
°C
Remarks:
(1) Manufacturing Viewing Direction is 12 o’clock, due to the Gray Scale Inversion effect, the
Optimum Viewing Direction shifted to the opposite side, 6 o’clock.
(2) MCU Interface is selected by soldering option as below.
8080 interface (Default setting): R4 is with 0 ohm resistor / R19 is opened.
6800 interface (By request): R19 is with 0 ohm resistor / R4 is opened.
8/9/16/18-bit MCU interface are available.
Maxim MAX11802 is with SPI interface.
(3) Color tune may be changed slightly by temperature and driving voltage.
(4) RoHS compliant.
Component Life Cycle
1) Storage Life: min. 1 Year
2) Operation Life (*1): min. 43 x 10³ h (24hr/day x 7days/week x 52weeks/year x 5years)
(Not include backlight)
3) Storage and Operation Life Times are defined for a temperature of +25°C
Notes:
*1. Operation life ends when one of the listed faults occurs:
The on/off response-times reach 1.5 times of the max. value specified for a new display
The contrast is reduced to 0.5 of the original contrast value
Loss of function
The number of cosmetic defects exceeds the maximum defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com