Electronic Components Datasheet Search
  English  ▼

X  

MA31755 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # MA31755
Description  16-Bit Feedthrough Error Detection & Correction Unit EDAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31755 Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button MA31755 Datasheet HTML 4Page - Dynex Semiconductor MA31755 Datasheet HTML 5Page - Dynex Semiconductor MA31755 Datasheet HTML 6Page - Dynex Semiconductor MA31755 Datasheet HTML 7Page - Dynex Semiconductor MA31755 Datasheet HTML 8Page - Dynex Semiconductor MA31755 Datasheet HTML 9Page - Dynex Semiconductor MA31755 Datasheet HTML 10Page - Dynex Semiconductor MA31755 Datasheet HTML 11Page - Dynex Semiconductor MA31755 Datasheet HTML 12Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MA31755
8/13
Subgroup
Definition
1
Static characteristics specified in Figure 12 at +25
°C
2
Static characteristics specified in Figure 12 at +125
°C
3
Static characteristics specified in Figure 12 at -55
°C
7
Functional characteristics specified at +25
°C
8A
Functional characteristics specified at +125
°C
8B
Functional characteristics specified at -55
°C
9
Switching characteristics specified in Figure 10 at +25
°C
10
Switching characteristics specified in Figure 10 at +125
°C
11
Switching characteristics specified in Figure 10 at -55
°C
Figure 13: Definition of Subgroups
6. APPLICATIONS INFORMATION
Figure 14: Basic System Diagram for the MA31755 with the MA31750
MA31750
ABN
ASTB
AS[0-3]
A[0-15]
CLK
CONREQN
DPARN
DSN
DTON
D[0-16]
EXADEN
FLT7N
GND
ILLADN
INT02N
INT08N
INT10N
INT11N
INT13N
INT15N
INTAKN
IOI1N
IOI2N
M/ION
MPROEN
NPU
O/IN
PB[0-3]
PEN
PS[0-3]
PWRDN
R/WN
RDN
RDYN
RESETN
SUREN
SYSFN
TCLK
TGON
VDD
WRN
MA31755
ENPDN
ENMDN
CERRN
CS0
CB[0:5]
MD[0:16]
NCERRN
CS1N
RDWN
PD[0:16]
VDD0-3
VSS0-3
CONTROL
A[0-15]
PD[0:16]
ASTB
DSN
M/ION
MD[0:16]
RDWN
CB[0:5]
O/IN
RDN
WRN
RDWN
RDYN
CLK
TCLK
RESETN
To memory system
XERRN
XERRN
CS2N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com