Electronic Components Datasheet Search
  English  ▼

X  

MA31755 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # MA31755
Description  16-Bit Feedthrough Error Detection & Correction Unit EDAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31755 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button MA31755 Datasheet HTML 5Page - Dynex Semiconductor MA31755 Datasheet HTML 6Page - Dynex Semiconductor MA31755 Datasheet HTML 7Page - Dynex Semiconductor MA31755 Datasheet HTML 8Page - Dynex Semiconductor MA31755 Datasheet HTML 9Page - Dynex Semiconductor MA31755 Datasheet HTML 10Page - Dynex Semiconductor MA31755 Datasheet HTML 11Page - Dynex Semiconductor MA31755 Datasheet HTML 12Page - Dynex Semiconductor MA31755 Datasheet HTML 13Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MA31755
9/13
7. PACKAGING
The device will be supplied in a 68-pin PGA for development with a 68-pin flatpack option for flight parts.
Figure 15: Dimensioned Drawing for the 68-pin PGA Package
Figure 16: Pinout for the 68-pin PGA Package
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A1
CB05
C1
CB02
G9
CS0
K3
MD08
A2
NCERRN
C2
CB04
G10
PD00
K4
MD06
A3
RDWN
C3
VDD
H1
MD15
K5
VDD
A4
PD16
C8
VDD
H2
MD12
K6
NC
A5
PD14
C9
PD07
H3
VDD
K7
MD04
A6
VDD
C10
PD04
H8
VDD
K8
MD03
A7
PD13
D1
CB00
H9
ENFLG
K9
MD01
A8
PD11
D2
CB01
H10
CS1N
K10
ENCOR
A9
PD10
D9
PD05
J1
MD13
A10
PD08
D10
PD03
J2
GND
B1
CB03
E1
GND
J3
MD10
B2
GND
E2
NC
J4
MD07
B3
CERRN
E9
PD02
J5
GND
B4
XERRN
E10
PD01
J6
MD05
B5
PD15
F1
VDD
J7
MD02
B6
GND
F2
NC
J8
MD00
B7
PD12
F9
GND
J9
GND
B8
PD09
F10
VDD
J10
CS2N
B9
GND
G1
MD16
K1
MD11
B10
PD06
G2
MD14
K2
MD09
BOTTOM
VIEW
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
0.050
±0.010
0.900
±0.010
0.018
±0.002
0.105 max
1.060 sq
±0.020
0.100
0.180 ±0.010
0.045 ±0.005
TOP
VIEW
Pin A1 Index
XG451 Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com