Electronic Components Datasheet Search
  English  ▼

X  

MA31755 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MA31755
Description  16-Bit Feedthrough Error Detection & Correction Unit EDAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31755 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MA31755 Datasheet HTML 1Page - Dynex Semiconductor MA31755 Datasheet HTML 2Page - Dynex Semiconductor MA31755 Datasheet HTML 3Page - Dynex Semiconductor MA31755 Datasheet HTML 4Page - Dynex Semiconductor MA31755 Datasheet HTML 5Page - Dynex Semiconductor MA31755 Datasheet HTML 6Page - Dynex Semiconductor MA31755 Datasheet HTML 7Page - Dynex Semiconductor MA31755 Datasheet HTML 8Page - Dynex Semiconductor MA31755 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MA31755
3/13
2.2 BUS CONTROL
There are four signals which control the drive status of the EDAC external busses: RDWN, CS2N, CS1N and CS0. The
relationship to each other and to the EDAC busses is shown in Figure 2 below. The timing of these signals is shown in Figures 6
and 7.
Figure 2: Bus Control
2.3 INTERNAL OPERATION
2.3.1 Check Bit Generation
On write cycles the processor data word, PD[0:15], and the processor parity bit ,PD[16], are passed directly to the memory
data bus, MD[0:15], and the memory parity bit, MD[16].
The check bits, CB[0:5], are derived by 6 parity generators operating on sets of 8 bits of the processor data word, PD[0:15], as
shown in Figure 3 below:
Figure 3: Check Bit Generation
2.3.2 Syndrome Generation
The syndrome generation logic checks the sense of the check bits with respect to the memory data word. Six 9-input parity
checkers generate the syndrome bits, SY[0:5], according to figure 4 below:
Figure 4: Syndrome Generation
RDWN
CS2N
CS1N
CS0
Bus state
Processor
Memory
X
High
X
X
Tristate
Tristate
X
X
High
X
Tristate
Tristate
X
X
X
Low
Tristate
Tristate
High
Low
Low
High
Output
Input
Low
Low
Low
High
Input
Output
CB
Parity
PD
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
Even
X
X
X
X
X
X
X
X
1
Even
X
X
X
X
X
X
X
X
2
Odd
X
X
X
X
X
X
X
X
3
Odd
X
X
X
X
X
X
X
X
4
Even
X
X
X
X
X
X
X
X
5
Even
X
X
X
X
X
X
X
X
If there are no errors in the memory data word, MD[0:15],
or the check bits, CB[0:5], then all of the syndrome bits,
SY[0:5], will be set low.
A single bit error in the memory data word, MD[0:15], will
cause 3 syndrome bits to be set high. However, a single bit
error in the check bits, CB[0:5], will cause only 1 syndrome bit
to be set high. A two bit error in the memory data word and/or
the check bits will cause either 2, 4, 5 or 6 syndrome bits to be
set.
Three or more errors in the memory data word and/or the
check bits will cause an undefined number of syndrome bits to
be set. This will cause the operation of the device in respect of
the states of CERRN, NCERRN and data on the PD bus to be
unpredictable.
S Y
Parity
MD
CB
1 5 1 4 1 3 1 2 1 1 1 0 9876543210012345
0
Even
X
X
XXXXX
XX
1
Even
X
XXXX
X
X
X
X
2
Odd
X
X
X
X
XXXX
X
3
Odd
X
X
X
XXXXX
X
4
Even
X
XXXXX
X
X
X
5
Even
XXXXX
XX
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com