Electronic Components Datasheet Search
  English  ▼

X  

MA7001 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MA7001
Description  Radiation Hard 512x9 Bit FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA7001 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MA7001 Datasheet HTML 1Page - Dynex Semiconductor MA7001 Datasheet HTML 2Page - Dynex Semiconductor MA7001 Datasheet HTML 3Page - Dynex Semiconductor MA7001 Datasheet HTML 4Page - Dynex Semiconductor MA7001 Datasheet HTML 5Page - Dynex Semiconductor MA7001 Datasheet HTML 6Page - Dynex Semiconductor MA7001 Datasheet HTML 7Page - Dynex Semiconductor MA7001 Datasheet HTML 8Page - Dynex Semiconductor MA7001 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MA7001
3/15
AC CHARACTERISTICS
Characteristics apply to pre-radiation at TA = -55°C to +125°C, VDD = 5V ±10% and post
100kRad(Si) total dose radiation at TA = 25°C, VDD = 5V ±10%. GROUP A SUBGROUP 9, 10, 11.
Symbol
Parameter
Min.
Max.
Units
tRC
Read Cycle Time
110
-
ns
tA
Access Time
-
100
ns
tRR
Read Recovery Time
25
-
ns
tRPW
Read Pulse Width (Note 2)
85
-
ns
tRLZ
Read Pulse Low to Data Bus at Low Z (Note 3)
10
-
ns
tDV
Data Valid from Read Pulse High
20
-
ns
tRHZ
Read Pulse High to Data Bus at High Z (Note 3)
-
30
ns
tWC
Write Cycle Time
100
-
ns
tWPW
Write Pulse Width (Note 2)
80
-
ns
tWR
Write Recovery Time
20
-
ns
tDS
Data Setup Time
40
-
ns
tDH
Data Hold Time
10
-
ns
tRSC
Reset Cycle Time (Note 3)
100
-
ns
tRS
Reset Pulse Width (Note 2)
80
-
ns
tRSR
Reset Recovery Time (Note 3)
20
-
ns
tRTC
Retransmit Cycle Time (Note 3)
100
-
ns
tRT
Retransmit Pulse Width (Note 2)
80
-
ns
tRTR
Retransmit Recovery Time (Note 3)
20
-
ns
tEFL
Reset to Empty Flag Low
-
100
ns
tREF
Read Low to Empty Flag Low
-
90
ns
tRFF
Read High to Full Flag High
-
70
ns
tWEF
Write High to Empty Flag High
-
70
ns
tWFF
Write Low to Full Flag Low
-
90
ns
tEFR
EF High to Valid Read (Note 3)
10
-
ns
tRPI
Read Protect Indeterminant (Note 3)
-
35
ns
tFFW
FF High to Valid Wrlte (Note 3)
10
-
ns
tWPI
Write Protect Indeterminant (Note 3)
-
35
ns
Notes:
1. Timings referenced as in A.C. Test Conditions, figure 5
2. Pulse wldths less than minimum values are not allowed
3. Values guaranteed by deslgn, not currently tested
Figure 3b: AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com