Electronic Components Datasheet Search
  English  ▼

X  

MA7001 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MA7001
Description  Radiation Hard 512x9 Bit FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA7001 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MA7001 Datasheet HTML 1Page - Dynex Semiconductor MA7001 Datasheet HTML 2Page - Dynex Semiconductor MA7001 Datasheet HTML 3Page - Dynex Semiconductor MA7001 Datasheet HTML 4Page - Dynex Semiconductor MA7001 Datasheet HTML 5Page - Dynex Semiconductor MA7001 Datasheet HTML 6Page - Dynex Semiconductor MA7001 Datasheet HTML 7Page - Dynex Semiconductor MA7001 Datasheet HTML 8Page - Dynex Semiconductor MA7001 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MA7001
5/15
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 7
Figure 5: AC Test Conditions
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacltance (Note 1)
VIN = 0V
7
pF
COUT
Output Capacitance (Notes 1 and 2)
VOUT = 0V
12
pF
NOTES:
1. Characterized values, not currently tested.
2. With output deselected.
Figure 6: Capacitance
TRUTH TABLES
Input
Output
Pointer
Operation
R
W
RS
RT
Xl
EF
FF
Data
Read
Write
Reset
1
1
0
x
0
0
1
Z
Zero
Zero
Retransmit*
1110011
Z
Zero
N/C
Read
1
→0
x
11011
valid
Increment
N/C
Read
x
x
11001
Z
N/C
N/C
Write
x
1
→0
1
1
0
x
1
x
N/C
Increment
Write
x
x
11010
x
N/C
N/C
* Only available if less than 512 writes since last reset.
Figure 8: Single Device or Width Expansion: Read, Write, Reset and Retransmit
Input
Output
Pointer
Operation
R
W
RS
FL
Xl
EF
FF
Data
Read
Write
Reset First
1100101
Z
Zero
Zero
Reset Rest
1101101
Z
Zero
Zero
NOTES:
1. See Modes of Operation for connections of
Xl and XO in depth expansion mode.
2.
XI is connected to XO of previous device (Figure 12).
Figure 9: Depth Expansion: Reset and First Load
Output
under test
Test Point
LOAD 1
≤50pF*
Figure 7: Output Load
* Includes jig
and scope
capacitances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com