Electronic Components Datasheet Search
  English  ▼

X  

MA9264 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MA9264
Description  Radiation Hard 8192x8 Bit Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA9264 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MA9264 Datasheet HTML 1Page - Dynex Semiconductor MA9264 Datasheet HTML 2Page - Dynex Semiconductor MA9264 Datasheet HTML 3Page - Dynex Semiconductor MA9264 Datasheet HTML 4Page - Dynex Semiconductor MA9264 Datasheet HTML 5Page - Dynex Semiconductor MA9264 Datasheet HTML 6Page - Dynex Semiconductor MA9264 Datasheet HTML 7Page - Dynex Semiconductor MA9264 Datasheet HTML 8Page - Dynex Semiconductor MA9264 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MA9264
1/15
The MA9264 64k Static RAM is configured as 8192x8 bits and
manufactured using CMOS-SOS high performance, radiation hard,
1.5
µm technology.
The design uses a 6 transistor cell and has full static operation with
no clock or timing strobe required. Address input buffers are deselected
when chip select is in the HIGH state.
See Application Note “Overview of the Dynex Semiconductor
Radiation Hard 1.5
µm CMOS/SOS SRAM Range”.
FEATURES
s 1.5
µm CMOS-SOS Technology
s Latch-up Free
s Fast Access Time 70ns Typical
s Total Dose 106 Rad(Si)
s Transient Upset >1011 Rad(Si)/sec
s SEU 4.3 x 10-11 Errors/bitday
s Single 5V Supply
s Three State Output
s Low Standby Current 100
µA Typical
s -55
°C to +125°C Operation
s All Inputs and Outputs Fully TTL or CMOS
Compatible
s Fully Static Operation
Operation Mode
CS
CE
OE
WE
I/O
Power
Read
L
H
L
H
D OUT
Write
L
H
X
L
D IN
ISB1
Output Disable
L
H
H
H
High Z
Standby
H
X
X
X
High Z
ISB2
XL
X
X
X
Figure 1: Truth Table
Figure 2: Block Diagram
A12
A9
A8
A4
A3
A6
A5
A7
A
D
D
R
E
S
S
B
U
F
F
E
R
R
O
W
D
E
C
O
D
E
R
A10
A0
A1
A2
A11
CS
CE
WE
OE
MA9264
Radiation Hard 8192x8 Bit Static RAM
Replaces June 1999 version, DS3692-6.0
DS3692-7.0 January 2000


Similar Part No. - MA9264

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
MA92 SIPOWER-MA92 Datasheet
293Kb / 2P
PNP Transistor
More results

Similar Description - MA9264

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
54HSC DYNEX-54HSC Datasheet
92Kb / 10P
Radiation hard 16-Bit ParallelError Detection & Correction
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
Radiation hard 1024x4 Bit Static RAM
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
Radiation Hard 512x9 Bit FIFO
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
1M-Bit Static RAM
logo
Zarlink Semiconductor I...
MA2901 ZARLINK-MA2901 Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
logo
Epson Company
SRM2A256LLMX EPSON-SRM2A256LLMX Datasheet
384Kb / 7P
256K-Bit Static RAM
logo
Panasonic Semiconductor
MN1203 PANASONIC-MN1203 Datasheet
229Kb / 4P
256-bit CMOS static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
16K * 4 BIT STATIC RAM
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
RADIATION HARD 4096 x 1 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com