Electronic Components Datasheet Search
  English  ▼

X  

MA9264 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MA9264
Description  Radiation Hard 8192x8 Bit Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA9264 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MA9264 Datasheet HTML 1Page - Dynex Semiconductor MA9264 Datasheet HTML 2Page - Dynex Semiconductor MA9264 Datasheet HTML 3Page - Dynex Semiconductor MA9264 Datasheet HTML 4Page - Dynex Semiconductor MA9264 Datasheet HTML 5Page - Dynex Semiconductor MA9264 Datasheet HTML 6Page - Dynex Semiconductor MA9264 Datasheet HTML 7Page - Dynex Semiconductor MA9264 Datasheet HTML 8Page - Dynex Semiconductor MA9264 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MA9264
5/15
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
C
IN
Input Capacitance
V
l = 0V
-
3
5
pF
C
OUT
Output Capacitance
V
I/O = 0V
-
5
7
pF
Note: T
A = 25°C and f = 1MHz. Data obtained by characterisation or analysis; not routinely measured.
Figure 8: Capacitance
Symbol
Parameter
Conditions
F
T
Basic Functionality
V
DD = 4.5V - 5.5V, FREQ = 1MHz
V
IL = VSS, VIH = VDD, VOL ≤ 1.5V, VOH ≥ 1.5V
TEMP = -55
°C to +125°C, GPS PATTERN SET
GROUP A SUBGROUPS 7, 8A, 8B
Figure 9: Functionality
Subgroup
Definition
1
Static characteristics specified in Tables 4 and 5 at +25
°C
2
Static characteristics specified in Tables 4 and 5 at +125
°C
3
Static characteristics specified in Tables 4 and 5 at -55
°C
7
Functional characteristics specified in Table 9 at +25
°C
8A
Functional characteristics specified in Table 9 at +125
°C
8B
Functional characteristics specified in Table 9 at -55
°C
9
Switching characteristics specified in Tables 6 and 7 at +25
°C
10
Switching characteristics specified in Tables 6 and 7 at +125
°C
11
Switching characteristics specified in Tables 6 and 7 at -55
°C
Figure 10: Definition of Subgroups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com