Electronic Components Datasheet Search
  English  ▼

X  

BA2903FVM Datasheet(PDF) 28 Page - Rohm

Part # BA2903FVM
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903FVM Datasheet(HTML) 28 Page - Rohm

Back Button BA2903FVM Datasheet HTML 24Page - Rohm BA2903FVM Datasheet HTML 25Page - Rohm BA2903FVM Datasheet HTML 26Page - Rohm BA2903FVM Datasheet HTML 27Page - Rohm BA2903FVM Datasheet HTML 28Page - Rohm BA2903FVM Datasheet HTML 29Page - Rohm BA2903FVM Datasheet HTML 30Page - Rohm BA2903FVM Datasheet HTML 31Page - Rohm BA2903FVM Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
28/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Typical Performance Curves - continued
○BA2903xxx, BA2903Sxxx, BA2903Wxx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BA2903:-40°C to +125°C
BA2903S:-40°C to +105°C
BA2903W:-40°C to +125°C
0.0
0.2
0.4
0.6
0.8
1.0
0
255075
100
125
150
Ambient Temperature [°C]
0
50
100
150
200
0
1020
3040
Supply Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
203040
Supply Voltage [V]
25℃
125℃
-40℃
2V
5V
BA2903FVM
BA2903SFVM
BA2903F
BA2903SF
-40℃
25℃
125℃
105℃
105℃
105
BA2903FV
BA2903SFV
36V
Figure 66.
Supply Current vs Supply Voltage
Figure 67.
Supply Current vs Ambient Temperature
Figure 65.
Power Dissipation vs Ambient Temperature
(Derating Curve)
(Refer to the following operating temperature)
Figure 68.
Output Saturation Voltage vs Supply Voltage
(IOL=4mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com