Electronic Components Datasheet Search
  English  ▼

X  

BA2903FVM Datasheet(PDF) 40 Page - Rohm

Part # BA2903FVM
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903FVM Datasheet(HTML) 40 Page - Rohm

Back Button BA2903FVM Datasheet HTML 36Page - Rohm BA2903FVM Datasheet HTML 37Page - Rohm BA2903FVM Datasheet HTML 38Page - Rohm BA2903FVM Datasheet HTML 39Page - Rohm BA2903FVM Datasheet HTML 40Page - Rohm BA2903FVM Datasheet HTML 41Page - Rohm BA2903FVM Datasheet HTML 42Page - Rohm BA2903FVM Datasheet HTML 43Page - Rohm BA2903FVM Datasheet HTML 44Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
40/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Application Information
NULL method condition for Test Circuit1
VCC, VEE, EK, VICM Unit : V, VRL=VCC
Parameter
VF
S1
S2
S3
BA10393 / BA10339
BA8391 / BA2903 / BA2901
Calculation
VCC VEE
EK
VICM
VCC
VEE
EK
VICM
Input Offset Voltage
VF1
ON
ON
ON
5
0
-1.4
0
5 to 36
0
-1.4
0
1
Input Offset Current
VF2
OFF
OFF
ON
5
0
-1.4
0
5
0
-1.4
0
2
Input Bias Current
VF3
OFF
ON
ON
5
0
-1.4
0
5
0
-1.4
0
3
VF4
ON
OFF
5
0
-1.4
0
5
0
-1.4
0
Large Signal Voltage Gain
VF5
ON
ON
ON
15
0
-1.4
0
15
0
-1.4
0
4
VF6
15
0
-11.4
0
15
0
-11.4
0
- Calculation -
1. Input Offset Voltage (VIO)
2. Input Offset Current (IIO)
3. Input Bias Current (IB)
4. Large Signal Voltage Gain (AV)
Figure 111. Test Circuit1 (One Channel Only)
VIO
|VF1|
=
1+RF/RS
[V]
|VF5-VF6|
AV =
ΔEK × (1+R
F/RS)
[dB]
20Log
=
IB
|VF4-VF3|
2 × RI ×(1+RF/RS)
[A]
IIO
|VF2-VF1|
RI ×(1+RF/RS)
[A]
=
VF
RL
0.1μF
500kΩ
500kΩ
Rf=50kΩ
Rs=50Ω
Ri=10kΩ
EK
NULL
DUT
V
SW1
SW2
Vicm
1000pF
SW3
VCC
VEE
-15V
+15V
Ri=10kΩ
Rs=50Ω
50kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com