Electronic Components Datasheet Search
  English  ▼

X  

BA2903FVM Datasheet(PDF) 34 Page - Rohm

Part # BA2903FVM
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903FVM Datasheet(HTML) 34 Page - Rohm

Back Button BA2903FVM Datasheet HTML 30Page - Rohm BA2903FVM Datasheet HTML 31Page - Rohm BA2903FVM Datasheet HTML 32Page - Rohm BA2903FVM Datasheet HTML 33Page - Rohm BA2903FVM Datasheet HTML 34Page - Rohm BA2903FVM Datasheet HTML 35Page - Rohm BA2903FVM Datasheet HTML 36Page - Rohm BA2903FVM Datasheet HTML 37Page - Rohm BA2903FVM Datasheet HTML 38Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
34/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Typical Performance Curves - continued
○BA2901xx, BA2901Sxx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BA2901:-40°C to +125°C
BA2901S:-40°C to +105°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1020
3040
Supply Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
BA2901FV
BA2901SFV
BA2901F
BA2901SF
105
-40℃
25℃
125℃
105℃
0
50
100
150
200
0
1020
3040
Supply Voltage [V]
-40℃
25℃
125℃
105℃
Figure 89.
Supply Current vs Supply Voltage
Figure 90.
Supply Current vs Ambient Temperature
Figure 88.
Power Dissipation vs Ambient Temperature
(Derating Curve)
(Refer to the following operating temperature)
Figure 91.
Output Saturation Voltage vs Supply Voltage
(IOL=4mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
2V
5V
36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com