Electronic Components Datasheet Search
  English  ▼

X  

BA2903FVM Datasheet(PDF) 45 Page - Rohm

Part # BA2903FVM
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903FVM Datasheet(HTML) 45 Page - Rohm

Back Button BA2903FVM Datasheet HTML 41Page - Rohm BA2903FVM Datasheet HTML 42Page - Rohm BA2903FVM Datasheet HTML 43Page - Rohm BA2903FVM Datasheet HTML 44Page - Rohm BA2903FVM Datasheet HTML 45Page - Rohm BA2903FVM Datasheet HTML 46Page - Rohm BA2903FVM Datasheet HTML 47Page - Rohm BA2903FVM Datasheet HTML 48Page - Rohm BA2903FVM Datasheet HTML 49Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
45/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
+
-
VCC
VEE
OPEN
VICM
Operational Notes – continued
11. Regarding Input Pins of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them
isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example (refer to figure below):
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should be
avoided.
NN
P
+
P
NN
P
+
P Substrate
Parasitic
Element
GND
N
P
+
NN
P
+
N P
P Substrate
GND
GND
Parasitic
Element
Pin A
Pin A
Pin B
Pin B
BC
E
Parasitic
Element
GND
Parasitic element
or Transistor
Parasitic
Element
C
B
E
Transistor (NPN)
Resistor
Figure 116. Example of Monolithic IC Structure
12. Unused Circuits
When there are unused circuits it is recommended that they be connected as in Figure 117, setting the non-inverting
input terminal to a potential within the in-phase input voltage range (VICR).
Figure 117. Disable Circuit Example
13. Input Terminal Voltage
(BA8391G / BA2903xxxx / BA2901xxx) Applying VEE + 36V to the input terminal is possible without causing
deterioration of the electrical characteristics or destruction, irrespective of the supply voltage. However, this does not
ensure normal circuit operation. Please note that the circuit operates normally only when the input voltage is within the
common mode input voltage range of the electric characteristics.
14. Power Supply (signal / dual)
The comparators when the specified voltage supplied is between VCC and VEE. Therefore, the single supply
comparators can be used as a dual supply comparators as well.
15. Terminal short-circuits
When the output and VCC terminals are shorted, excessive output current may flow, resulting in undue heat generation
and, subsequently, destruction.
16. IC Handling
Applying mechanical stress to the IC by deflecting or bending the board may cause fluctuations in the electrical
characteristics due to piezo resistance effects.
Please keep
this potential in VICM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com