Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G123GD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G123GD
Description  Single retriggerable monostable multivibrator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G123GD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G123GD Datasheet HTML 6Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 7Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 8Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 9Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 10Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 11Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 12Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 13Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
74LVC1G123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2013
10 of 31
NXP Semiconductors
74LVC1G123
Single retriggerable monostable multivibrator; Schmitt trigger inputs
11. Dynamic characteristics
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 18.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
A, B to Q; see Figure 7
[2]
CL = 15 pF;
VCC = 1.65 V to 1.95 V
2.5
7.1
16.3
2.5
17.6
ns
VCC = 2.3 V to 2.7 V
1.9
-
10.3
1.9
11.2
ns
VCC = 2.7 V
1.9
-
8.5
1.9
9.3
ns
VCC = 3.0 V to 3.6 V
1.5
-
7.6
1.5
8.3
ns
VCC = 4.5 V to 5.5 V
1.2
-
5.3
1.2
5.8
ns
CL = 30 pF or CL = 50 pF
VCC = 1.65 V to 1.95 V
2.9
7.8
17.6
2.9
19.0
ns
VCC = 2.3 V to 2.7 V
2.2
-
11.3
2.2
12.3
ns
VCC = 2.7 V
2.7
-
10.5
2.7
11.4
ns
VCC = 3.0 V to 3.6 V
2.0
-
9.5
2.0
10.3
ns
VCC = 4.5 V to 5.5 V
1.5
-
6.7
1.5
7.2
ns
CLR to Q; see Figure 7
CL = 15 pF;
VCC = 1.65 V to 1.95 V
3.0
6.9
16.2
3.0
17.4
ns
VCC = 2.3 V to 2.7 V
2.2
-
9.6
2.2
10.5
ns
VCC = 2.7 V
2.2
-
8.2
2.2
8.9
ns
VCC = 3.0 V to 3.6 V
2.0
-
7.3
2.0
8.0
ns
VCC = 4.5 V to 5.5 V
1.5
-
5.1
1.5
5.5
ns
CL = 30 pF or CL = 50 pF
VCC = 1.65 V to 1.95 V
3.3
7.5
17.2
3.8
18.6
ns
VCC = 2.3 V to 2.7 V
2.5
-
10.3
2.0
11.2
ns
VCC = 2.7 V
2.8
-
9.3
2.8
10.2
ns
VCC = 3.0 V to 3.6 V
1.5
-
8.4
1.5
9.2
ns
VCC = 4.5 V to 5.5 V
1.5
-
6.0
1.5
6.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com