Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G123GD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC1G123GD
Description  Single retriggerable monostable multivibrator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G123GD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC1G123GD Datasheet HTML 10Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 11Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 12Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 13Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 14Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 15Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 16Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 17Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
74LVC1G123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2013
14 of 31
NXP Semiconductors
74LVC1G123
Single retriggerable monostable multivibrator; Schmitt trigger inputs
12. Waveforms, graphs and test circuit
Measurement points are given in Table 10.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Propagation delays from inputs (A, B, CLR) to output (Q)
aaa-001878
VM
VM
tW
tPLH
tW
VM
tW
tPLH
tW
tW
tPLH
VM
tPHL
(reset)
VOL
Q output
VOH
GND
GND
VI
VI
CLR input
A input
B input
GND
VI
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5VCC
0.5VCC
2.3 V to 2.7 V
0.5VCC
0.5VCC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5VCC
0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com