Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G123GD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC1G123GD
Description  Single retriggerable monostable multivibrator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G123GD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G123GD Datasheet HTML 7Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 8Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 9Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 10Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 11Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 12Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 13Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 14Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
74LVC1G123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2013
11 of 31
NXP Semiconductors
74LVC1G123
Single retriggerable monostable multivibrator; Schmitt trigger inputs
tpd
propagation
delay
CLR to Q (trigger); see Figure 7
CL = 15 pF;
VCC = 1.65 V to 1.95 V
2.7
7.6
17.4
2.7
18.9
ns
VCC = 2.3 V to 2.7 V
2.1
-
11.0
2.1
12.0
ns
VCC = 2.7 V
2.1
-
9.2
2.1
10.0
ns
VCC = 3.0 V to 3.6 V
1.7
-
8.2
1.7
8.9
ns
VCC = 4.5 V to 5.5 V
1.4
-
5.9
1.4
6.4
ns
CL = 30 pF or CL = 50 pF
VCC = 1.65 V to 1.95 V
3.1
8.3
18.8
3.3
20.3
ns
VCC = 2.3 V to 2.7 V
2.5
-
12.0
2.5
13.1
ns
VCC = 2.7 V
2.8
-
11.1
2.8
12.1
ns
VCC = 3.0 V to 3.6 V
2.0
-
10.1
2.0
11.0
ns
VCC = 4.5 V to 5.5 V
1.5
-
7.1
1.5
7.7
ns
tW
pulse width
input A LOW; B HIGH;
see Figure 7 and Figure 8
VCC = 1.65 V to 1.95 V
8.0
-
-
8.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.0
-
-
3.0
-
ns
VCC = 3.0 V to 3.6 V
3.0
-
-
3.0
-
ns
VCC = 4.5 V to 5.5 V
2.5
-
-
2.5
-
ns
input CLR LOW;
see Figure 7 and Figure 9
VCC = 1.65 V to 1.95 V
8.0
-
-
8.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.0
-
-
3.0
-
ns
VCC = 3.0 V to 3.6 V
3.0
-
-
3.0
-
ns
VCC = 4.5 V to 5.5 V
2.5
-
-
2.5
-
ns
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 18.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com