Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G123GD Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 74LVC1G123GD
Description  Single retriggerable monostable multivibrator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G123GD Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 74LVC1G123GD Datasheet HTML 14Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 15Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 16Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 17Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 18Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 19Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 20Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 21Page - NXP Semiconductors 74LVC1G123GD Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
74LVC1G123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2013
18 of 31
NXP Semiconductors
74LVC1G123
Single retriggerable monostable multivibrator; Schmitt trigger inputs
VCC = 5.0 V; Tamb = 25 C.
(1) REXT = 200 k
(2) REXT = 100 k
(3) REXT = 10 k
(4) REXT = 5 k
(5) REXT = 1 k
REXT = 10 k; Tamb = 25 C.
(1) CEXT = 1000 pF
(2) CEXT = 0.01 F
(3) CEXT = 0.1 F
Fig 14. Typical output pulse width as a function of the
external capacitor value
Fig 15. Typical ‘K’ factor as function of VCC
109
tW
(ns)
10
aaa-000300
102
103
104
105
106
107
108
CEXT (pF)
1106
105
104
10
103
102
(1)
(2)
(3)
(4)
(5)
aaa-000301
(2)
(3)
VCC (V)
06
4
2
1.0
0.9
1.1
1.2
’K’
factor
0.8
(1)
Tamb = 25 C.
(1) CEXT = 0.01 F
(2) CEXT = 1000 pF
(3) CEXT = 100 pF
(4) CEXT = 10 pF
Fig 16. Minimum retrigger time as function of the supply voltage
aaa-001943
VCC (V)
1.5
5.5
4.5
2.5
3.5
(1)
(2)
(3)
(4)
1
10-1
10
trtrig
(µs)
10-2
10-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com