Electronic Components Datasheet Search
  English  ▼

X  

MIC2176 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2176
Description  Wide Input Voltage, Synchronous Buck
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2176 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2176 Datasheet HTML 1Page - Micrel Semiconductor MIC2176 Datasheet HTML 2Page - Micrel Semiconductor MIC2176 Datasheet HTML 3Page - Micrel Semiconductor MIC2176 Datasheet HTML 4Page - Micrel Semiconductor MIC2176 Datasheet HTML 5Page - Micrel Semiconductor MIC2176 Datasheet HTML 6Page - Micrel Semiconductor MIC2176 Datasheet HTML 7Page - Micrel Semiconductor MIC2176 Datasheet HTML 8Page - Micrel Semiconductor MIC2176 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Micrel, Inc.
MIC2176
November 2010
5
M9999-111710-A
Electrical Characteristics
(4) (Continued)
VIN = VHSD = 48V, VDD = 5V; VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Soft Start
Soft-Start time
6
ms
Short Circuit Protection
Current-Limit Threshold
VFB = 0.8V
103
130
162
mV
Short-Circuit Threshold
VFB = 0V
19
48
77
mV
FET Drivers
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA
VDD - 0.1V
Or
VBST - 0.1V
V
DH On-Resistance, High State
2.1
3.3
Ω
DH On-Resistance, Low State
1.8
3.3
Ω
DL On-Resistance, High State
1.8
3.3
Ω
DL On-Resistance, Low State
1.2
2.3
Ω
SW Leakage Current
VSW = 48V, VDD = 5V, VBST = 53V
55
µA
HSD Leakage Current
VSW = 48V, VDD = 5V, VBST = 53V
55
µA
Thermal Protection
Over-Temperature Shutdown
TJ Rising
160
°C
Over-Temperature Shutdown Hysteresis
25
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
3. The device is not guaranteed to function outside operating range.
4. Specification for packaged product only.
5. The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have enough low voltage VTH.
6. Measured in test mode.
7. The maximum duty-cycle is limited by the fixed mandatory off-time tOFF of typically 360ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com