Electronic Components Datasheet Search
  English  ▼

X  

MIC2176 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2176
Description  Wide Input Voltage, Synchronous Buck
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2176 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2176 Datasheet HTML 1Page - Micrel Semiconductor MIC2176 Datasheet HTML 2Page - Micrel Semiconductor MIC2176 Datasheet HTML 3Page - Micrel Semiconductor MIC2176 Datasheet HTML 4Page - Micrel Semiconductor MIC2176 Datasheet HTML 5Page - Micrel Semiconductor MIC2176 Datasheet HTML 6Page - Micrel Semiconductor MIC2176 Datasheet HTML 7Page - Micrel Semiconductor MIC2176 Datasheet HTML 8Page - Micrel Semiconductor MIC2176 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Micrel, Inc.
MIC2176
November 2010
2
M9999-111710-A
Ordering Information
Part Number
Output
Voltage
Switching Frequency
Junction Temperature Range
Package
Lead Finish
MIC2176-1YMM
Adjustable
100kHz
–40°C to +125°C
10-pin MSOP
Pb-Free
MIC2176-2YMM
Adjustable
200kHz
–40°C to +125°C
10-pin MSOP
Pb-Free
MIC2176-3YMM
Adjustable
300kHz
–40°C to +125°C
10-pin MSOP
Pb-Free
Pin Configuration
10-Pin MSOP (MM)
Pin Description
Pin
Number
Pin Name
Pin Function
1
HSD
High-Side MOSFET Drain Connection (Input): The HSD pin in the input of the adaptive On-time
control circuitry. A 0.1uF ceramic capacitor between the HSD pin and the power ground (PGND) is
required and must be place as close as possible to the IC.
2
EN
Enable (Input): A logic level control of the output. The EN pin is CMOS compatible. Logic high or
floating = enable, logic low = shutdown. In the off state, the VDD supply current of the device is
reduced (typically 0.7mA). Do not connect the EN pin to the HSD pin.
3
FB
Feedback (Input): Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to adjust the desired output
voltage.
4
GND
Signal ground. GND is the ground path for the device bias voltage VDD and the control circuitry. The
loop for the signal ground should be separate from the power ground (PGND) loop.
5
VDD
VDD Bias (Input): Power to the internal reference and control sections of the MIC2176. The VDD
operating voltage range is from 4.5V to 5.5V. A 1µF ceramic capacitor from the VDD pin to the PGND
pin must be placed next to the IC.
6
DL
Low-Side Drive (output): High-current driver output for external low-side MOSFET. The DL driving
voltage swings from ground to VDD.
7
PGND
Power Ground. PGND is the ground path for the buck converter power stage. The PGND pin
connects to the sources of low-side N-Channel external MOSFETs, the negative terminals of input
capacitors, and the negative terminals of output capacitors. The loop for the power ground should be
as small as possible and separate from the Signal ground (GND) loop.
8
DH
High-Side Drive (output): High-current driver output for external high-side MOSFET. The DH driving
voltage is floating on the switch node voltage (VSW). Adding a small resistor between DH pin and the
gate of the high-side N-channel MOSFETs can slow down the turn-on and turn-off time of the
MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com