Electronic Components Datasheet Search
  English  ▼

X  

MIC2176 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2176
Description  Wide Input Voltage, Synchronous Buck
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2176 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2176 Datasheet HTML 1Page - Micrel Semiconductor MIC2176 Datasheet HTML 2Page - Micrel Semiconductor MIC2176 Datasheet HTML 3Page - Micrel Semiconductor MIC2176 Datasheet HTML 4Page - Micrel Semiconductor MIC2176 Datasheet HTML 5Page - Micrel Semiconductor MIC2176 Datasheet HTML 6Page - Micrel Semiconductor MIC2176 Datasheet HTML 7Page - Micrel Semiconductor MIC2176 Datasheet HTML 8Page - Micrel Semiconductor MIC2176 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Micrel, Inc.
MIC2176
November 2010
4
M9999-111710-A
Absolute Maximum Ratings
(1, 2)
VHSD to PGND................................................ −0.3V to +76V
VDD to PGND ................................................... −0.3V to +6V
VSW to PGND......................................−0.3V to (VHSD +0.3V)
VBST to VSW ........................................................ −0.3V to 6V
VBST to PGND .................................................. −0.3V to 82V
VEN to PGND ......................................−0.3V to (VDD + 0.3V)
VFB to PGND.......................................−0.3V to (VDD + 0.3V)
PGND to GND..............................................
−0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS).........................−65°C to +150°C
Lead Temperature (soldering, 10sec)........................ 260°C
Operating Ratings
(3)
Supply Voltage (VHSD) ....................................... 4.5V to 75V
Bias Voltage (VDD)............................................ 4.5V to 5.5V
Enable Input (VEN)................................................. 0V to VDD
Junction Temperature (TJ) ........................ −40°C to +125°C
Junction Thermal Resistance
MSOP (
θJA) ..................................................130.5°C/W
Continuous Power Dissipation
(derate 5.6mW/°C above 70°C)
(TA = 70°C) ........................................................421mW
ESD (Human Body Mode) .......................................... 1.5kV
Electrical Characteristics
(4)
VIN = VHSD = 48V, VDD = 5V; VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
HSD Voltage Range (VHSD)
(5)
4.5
75
V
VDD Bias Voltage
Operating Bias Voltage (VDD)
4.5
5
5.5
V
Undervoltage Lockout Trip Level
VDD Rising
3.2
3.85
4.45
V
UVLO Hysteresis
370
mV
Quiescent Supply Current
VFB = 1.5V
1.4
3
mA
Shutdown Supply Current
SW = unconnected, VEN = 0V
0.7
2
mA
Reference
0°C ≤ TJ ≤ 85°C (±1.0%)
0.792
0.8
0.808
Feedback Reference Voltage
-40°C ≤ TJ ≤ 125°C (±1.5%)
0.788
0.8
0.812
V
FB Bias Current
VFB = 0.8V
5
500
nA
Enable Control
EN Logic Level High
4.5V < VDD < 5.5V
1.2
0.85
V
EN Logic Level Low
4.5V < VDD < 5.5V
0.78
0.4
V
EN Bias Current
VEN = 0V
50
100
µA
Oscillator
MIC2176-1
75
100
125
MIC2176-2
150
200
250
Switching Frequency
(6)
MIC2176-3
225
300
375
kHz
MIC2176-1, VFB = 0V, HSD=4V, VO = 3.3V
96
MIC2176-2, VFB = 0V, HSD=4V, VO = 3.3V
93
Maximum Duty Cycle
(7)
MIC2176-3, VFB = 0V, HSD=4V, VO = 3.3V
89
%
Minimum Duty Cycle
VFB > 0.8V
0
%
Minimum Off-Time
360
ns
Minimum On-Time
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com