Electronic Components Datasheet Search
  English  ▼

X  

MIC2176 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2176
Description  Wide Input Voltage, Synchronous Buck
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2176 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2176 Datasheet HTML 1Page - Micrel Semiconductor MIC2176 Datasheet HTML 2Page - Micrel Semiconductor MIC2176 Datasheet HTML 3Page - Micrel Semiconductor MIC2176 Datasheet HTML 4Page - Micrel Semiconductor MIC2176 Datasheet HTML 5Page - Micrel Semiconductor MIC2176 Datasheet HTML 6Page - Micrel Semiconductor MIC2176 Datasheet HTML 7Page - Micrel Semiconductor MIC2176 Datasheet HTML 8Page - Micrel Semiconductor MIC2176 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Micrel, Inc.
MIC2176
November 2010
3
M9999-111710-A
Pin Description (Continued)
Pin
Number
Pin Name
Pin Function
9
SW
Switch Node and Current-Sense input (Input): High current output driver return. The SW pin connects
directly to the switch node. Due to the high-speed switching on this pin, the SW pin should be routed
away from sensitive nodes. The SW pin also senses the current by monitoring the voltage across the
low-side MOSFET during OFF time. In order to sense the current accurately, connect the low-side
MOSFET drain to the SW pin using a Kelvin connection.
10
BST
Boost (Output): Bootstrapped voltage to the high-side N-channel internal MOSFET driver. A Schottky
diode is connected between the VDD pin and the BST pin. A boost capacitor of 0.1μF is connected
between the BST pin and the SW pin. Adding a small resistor in series with the BST pin can slow
down the turn-on time of high-side N-Channel MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com