Electronic Components Datasheet Search
  English  ▼

X  

MIC4950 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4950
Description  Hyper Speed Control 5A Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4950 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4950 Datasheet HTML 1Page - Micrel Semiconductor MIC4950 Datasheet HTML 2Page - Micrel Semiconductor MIC4950 Datasheet HTML 3Page - Micrel Semiconductor MIC4950 Datasheet HTML 4Page - Micrel Semiconductor MIC4950 Datasheet HTML 5Page - Micrel Semiconductor MIC4950 Datasheet HTML 6Page - Micrel Semiconductor MIC4950 Datasheet HTML 7Page - Micrel Semiconductor MIC4950 Datasheet HTML 8Page - Micrel Semiconductor MIC4950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC4950
Hyper Speed Control
™ 5A Buck Regulator
Hyper Speed Control is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 20, 2014
Revision 1.1
General Description
The MIC4950 is a high-efficiency, 5A synchronous buck
regulator with ultra-fast transient response. It is perfectly
suited for supplying processor core and I/O voltages from
a 5V or 3.3V bus. The MIC4950 provides a switching
frequency up to 3.3MHz while achieving peak efficiencies
up to 95%. An additional benefit of high-frequency
operation is very low output ripple voltage throughout the
entire load range with the use of a small output capacitor.
The MIC4950 is designed for use with a very small
inductor, down to 1µH, and an output ceramic capacitor as
small as 10µF, without the need for external ripple
injection. A wide range of output capacitor types and
values can also be accommodated.
The MIC4950 supports safe start-up into a pre-biased
output, and offers short-circuit and thermal shutdown
protections.
The MIC4950 is available in 8-Pin SOIC and 10-Pin 3mm
× 4mm
DFN
packages with an
operating
junction
temperature range from
–40°C to +125°C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
 Input voltage: 2.7V to 5.5V
 5A output current
 Up to 95% efficiency
 Up to 3.3MHz operation
 Safe start-up into a pre-biased output
 Power Good output
 Ultra-fast transient response
 Low output voltage ripple
 Low R
DSON integrated MOSFET switches
 0.01µA shutdown current
 Thermal shutdown and current limit protection
 Output voltage as low as 0.7V
 8-Pin SOIC and 3mm × 4mm DFN-10L
 –40°C to +125°C junction temperature range
Applications
 DTVs
 Set-top boxes
 Printers
 DVD players
 Distributed power supplies
Typical Application


Similar Part No. - MIC4950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WR MICREL-MIC49500-0.9WR Datasheet
233Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WR MICREL-MIC49500-0.9WR Datasheet
221Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WU MICREL-MIC49500-0.9WU Datasheet
233Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WU MICREL-MIC49500-0.9WU Datasheet
221Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
More results

Similar Description - MIC4950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
Hyper Speed Control 3A Buck Regulator
logo
Microchip Technology
MIC28514 MICROCHIP-MIC28514 Datasheet
1Mb / 34P
75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
Revision G June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com