Electronic Components Datasheet Search
  English  ▼

X  

MIC4950 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4950
Description  Hyper Speed Control 5A Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4950 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4950 Datasheet HTML 1Page - Micrel Semiconductor MIC4950 Datasheet HTML 2Page - Micrel Semiconductor MIC4950 Datasheet HTML 3Page - Micrel Semiconductor MIC4950 Datasheet HTML 4Page - Micrel Semiconductor MIC4950 Datasheet HTML 5Page - Micrel Semiconductor MIC4950 Datasheet HTML 6Page - Micrel Semiconductor MIC4950 Datasheet HTML 7Page - Micrel Semiconductor MIC4950 Datasheet HTML 8Page - Micrel Semiconductor MIC4950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC4950
March 20, 2014
4
Revision 1.1
Electrical Characteristics
(6) (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IEN
Enable Input Current
0.1
1
µA
VOUTPG
Power Good Threshold
Rising
82
88
94
%
VOUTPGH
Power Good Hysteresis
7
%
TSD
Overtemperature Shutdown
150
C
TSDH
Overtemperature Shutdown
Hysteresis
20
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com