Electronic Components Datasheet Search
  English  ▼

X  

MIC4950 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4950
Description  Hyper Speed Control 5A Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4950 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4950 Datasheet HTML 1Page - Micrel Semiconductor MIC4950 Datasheet HTML 2Page - Micrel Semiconductor MIC4950 Datasheet HTML 3Page - Micrel Semiconductor MIC4950 Datasheet HTML 4Page - Micrel Semiconductor MIC4950 Datasheet HTML 5Page - Micrel Semiconductor MIC4950 Datasheet HTML 6Page - Micrel Semiconductor MIC4950 Datasheet HTML 7Page - Micrel Semiconductor MIC4950 Datasheet HTML 8Page - Micrel Semiconductor MIC4950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC4950
March 20, 2014
3
Revision 1.1
Absolute Maximum Ratings
(3)
PVIN, AVIN Supply Voltage (VIN) ...................... –0.3V to 6V
SW Output Switch Voltage (VSW) ...................... –0.3V to VIN
EN, PG (VEN, VPG) ............................................. –0.3V to VIN
FB Feedback Input Voltage (VFB)...................... –0.3V to VIN
Storage Temperature Range ....................
–65°C to +150°C
ESD Rating
(5)........................................................ 2kV, HBM
Operating Ratings
(4)
Supply Voltage (VIN)......................................... 2.7V to 5.5V
Enable Input Voltage (VEN)....................................0V to VIN
Junction Temperature Range (TJ).......–40°C ≤ TJ ≤ +125°C
Thermal Resistance
SOIC-8 (
JA) ..................................................... 120°C/W
DFN-10 (
JA) ...................................................... 35°C/W
Electrical Characteristics
(6)
VIN = VEN = 3.3V; L = 1.0µH; CIN = 10µF; COUT = 10µF; TA = 25°C, bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIN
Supply Voltage Range
2.7
5.5
V
VUVLO
Under-Voltage Lockout
Threshold
Turn-On
2.41
2.5
2.61
V
VUVLOH
Under-Voltage Lockout
Hysteresis
400
mV
IQ
Quiescent Current
IOUT = 0mA , FB > 1.2*VFB (Nominal)
0.8
2
mA
ISD
Shutdown Current
VEN = 0V
0.01
2
µA
VFB
Feedback Voltage
0.609
0.625
0.64
V
ILIMIT
Current Limit
FB = 0.9*VFB (Nominal)
5.5
7.5
10
A
LINEREG
Output Voltage Line
Regulation
VIN = 2.7 to 3.5V, VOUTNOM = 1.8V, ILOAD = 20mA
1
%/V
VIN = 4.5V to 5.5V if VOUTNOM ≥ 2.5V, ILOAD =
20mA
LOADREG
Output Voltage Load
Regulation
20mA < ILOAD < 500mA,
VIN = 3.6V if VOUTNOM < 2.5V
0.3
%
20mA < ILOAD < 500mA,
VIN = 5.0V if VOUTNOM ≥ 2.5V
20mA < ILOAD < 5A, VIN = 3.6V if VOUTNOM < 2.5V
1
%
20mA < ILOAD < 5A, VIN = 5.0V if VOUTNOM ≥ 2.5V
RDSON-P
PWM Switch ON-Resistance
ISW = 1A P-Channel MOSFET
30
Ω
RDSON-N
ISW = –1A N-Channel MOSFET
25
tON
Maximum Turn-On Time
VIN = 4.5V, VFB = 0.5V
665
ns
VIN = 3.0V, VFB = 0.5V
1000
VIN = 2.7V, VFB = 0.5V
1120
tOFF
Minimum Turn-Off Time
VIN = 3.0V, VFB = 0.5V
176
ns
tSOFT-ON
Soft Start Time
VOUT = 90% of VOUTNOM
500
µs
VEN
Enable Threshold
Turn-On
0.5
0.8
1.2
V
Notes:
3.
Exceeding the absolute maximum ratings may damage the device.
4.
The device is not guaranteed to function outside its operating ratings.
5.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
6.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com