Electronic Components Datasheet Search
  English  ▼

X  

MIC4950 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4950
Description  Hyper Speed Control 5A Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4950 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4950 Datasheet HTML 1Page - Micrel Semiconductor MIC4950 Datasheet HTML 2Page - Micrel Semiconductor MIC4950 Datasheet HTML 3Page - Micrel Semiconductor MIC4950 Datasheet HTML 4Page - Micrel Semiconductor MIC4950 Datasheet HTML 5Page - Micrel Semiconductor MIC4950 Datasheet HTML 6Page - Micrel Semiconductor MIC4950 Datasheet HTML 7Page - Micrel Semiconductor MIC4950 Datasheet HTML 8Page - Micrel Semiconductor MIC4950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC4950
March 20, 2014
2
Revision 1.1
Ordering Information
Part Number
(1)
Top Mark
Temperature Range
Package
Lead Finish
MIC4950YFM
4950YFM
–40°C ≤ TJ ≤ +125°C
8-pin SOIC
Pb-Free
MIC4950YFL
MIC4950
–40°C ≤ TJ ≤ +125°C
10-pin 3mm x 4mm DFN
(2)
Pb-Free
Note:
1.
Other options are available. Contact Micrel for details.
2.
DFN is GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
8-Pin SOIC (FM)
(Top View)
3mm x 4mm DFN (FL)
(Top View)
Pin Description
Pin Number
SOIC-8 (YFM)
Pin Number
DFN-10 (YFL)
Pin Name
Pin Function
1
1, 2, EP
PGND
Power Ground.
2
3, 8
PVIN
Power Input Voltage: Connect a 10µF ceramic capacitor between PVIN and
PGND for input decoupling. Pins 3 and 8 are internally connected in the
DFN-10 package.
3
4
AVIN
Analog Input Voltage: Connect a 1µF ceramic capacitor between AVIN and
AGND to decouple the noise from the internal reference and error comparator.
4
5
AGND
Analog Ground Input: Connect to a quiet ground plane for best operation. Do
not route power switching currents on the AGND net. Connect AGND and
PGND nets together at a single point.
5
6
FB
Feedback (Input): Connect an external divider between VOUT and AGND
(Analog Ground) to program the output voltage.
6
7
PG
Power Good (Output): Open-drain output. A pull-up resistor from this pin to a
voltage source is required to detect an output power-is-good condition.
7
9
EN
Enable (Input): Logic high enables operation of the regulator. Logic low shuts
down the device. Do not leave floating.
8
10
SW
Switch (Output): Internal power MOSFET output switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com