Electronic Components Datasheet Search
  English  ▼

X  

SCA3000 Datasheet(PDF) 19 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 19 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 15Page - VTI technologies SCA3000 Datasheet HTML 16Page - VTI technologies SCA3000 Datasheet HTML 17Page - VTI technologies SCA3000 Datasheet HTML 18Page - VTI technologies SCA3000 Datasheet HTML 19Page - VTI technologies SCA3000 Datasheet HTML 20Page - VTI technologies SCA3000 Datasheet HTML 21Page - VTI technologies SCA3000 Datasheet HTML 22Page - VTI technologies SCA3000 Datasheet HTML 23Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
19/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Address: 15h
Register name: BUF_COUNT, output ring buffer status
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
COUNT
Count of available data samples in output ring buffer,
for more information see section 2.5.2.
Address: 16h
Register name: INT_STATUS, interrupt status register (all interrupts that are available in current
operation mode)
Bits
Mode
Initial
Value
Name
Description
7
R
0
BUF_FULL
Output ring buffer is ¾ full
1 – Ring buffer is ¾ full
0 – Ring buffer is not full
6
R
0
BUF_HALF
Output ring buffer is ½ full
1 – Ring buffer is ½ full
0 – Ring buffer is not full
5:4
Reserved
3
R
0
FFD
Free-fall detection
1 – Free-fall detected (0 g acceleration)
0 – Free-fall not detected
2:0
R
000
MD
Motion detector triggered channel indication
1xx – Trigger on Y-axis
x1x – Trigger on X-axis
xx1 – Trigger on Z-axis
3.4
Configuration Registers
SCA3000 configuration register (marked with 'Conf' in Table 5) contents and bit definitions are
described in this section. Configuration registers are used to configure SCA3000 operation and the
operation parameters.
Address: 00h
Register name: REVID, ASIC revision ID number tied in metal
Bits
Mode
Initial
Value
Name
Description
7:4
R
2h
REVMAJ
Major revision number
3:0
R
1h
REVMIN
Minor revision number
Address: 02h
Register name: STATUS, status register
Bits
Mode
Initial
Value
Name
Description
7:6
Reserved
5
R
0
LOCK
Status of lock register
0 – Lock is closed
1 – Lock is open
4:2
Reserved
1
R
0
CSME
EEPROM checksum error
1 – EEPROM checksum error
0 – No error
0
R
0
SPI_FRAME
SPI frame error. Bit is reset, when next correct SPI
frame is received (only for products with SPI bus).
1 – SPI frame error
0 – No error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com