Electronic Components Datasheet Search
  English  ▼

X  

SCA3000 Datasheet(PDF) 33 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 33 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 29Page - VTI technologies SCA3000 Datasheet HTML 30Page - VTI technologies SCA3000 Datasheet HTML 31Page - VTI technologies SCA3000 Datasheet HTML 32Page - VTI technologies SCA3000 Datasheet HTML 33Page - VTI technologies SCA3000 Datasheet HTML 34Page - VTI technologies SCA3000 Datasheet HTML 35Page - VTI technologies SCA3000 Datasheet HTML 36Page - VTI technologies SCA3000 Datasheet HTML 37Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
33/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Recommended circuit diagram for the SCA3000 with I
2C interface is presented in Figure 16 below.
Figure 15. Recommended circuit diagram for the SCA3000 with SPI interface.
Figure 16. Recommended circuit diagram for the SCA3000 with I
2C interface.
7.3
Recommended PWB layout
General PWB layout recommendations for SCA3000 products (refer to Figure 15, Figure 16 and
Figure 17):
1.
Locate 100 nF SMD capacitors right next to the SCA3000 package.
2.
1 µF capacitors can be located near the node where AVDD and DVDD are routed on separate
ways.
3.
Use separate ground planes for AGND and DGND. Connect separate ground planes together
on PWB.
4.
Use double sided PWB, connect the bottom side plane to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com