Electronic Components Datasheet Search
  English  ▼

X  

SCA3000 Datasheet(PDF) 42 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 42 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 35Page - VTI technologies SCA3000 Datasheet HTML 36Page - VTI technologies SCA3000 Datasheet HTML 37Page - VTI technologies SCA3000 Datasheet HTML 38Page - VTI technologies SCA3000 Datasheet HTML 39Page - VTI technologies SCA3000 Datasheet HTML 40Page - VTI technologies SCA3000 Datasheet HTML 41Page - VTI technologies SCA3000 Datasheet HTML 42Page - VTI technologies SCA3000 Datasheet HTML 43Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
42/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
10 Document Change Control
Version
Date
Change Description
0.01
09.09.2005
Initial draft.
....
...
0.08
20.09.2005
Draft release for schematic and layout design.
0.09
23.09.2005
FF and MD description added.
0.10
12.10.2005
Introduction and functional descriptions edited,
measurement mode, ring buffer, temperature measurement, interrupt, oscillator, reset and register
descriptions added. Register and bit names changed to be more descriptive.
0.11
13.10.2005
Typo etc minor corrections.
0.12
14.10.2005
Draft release.
0.13
01.11.2005
Register initial values and examples added.
0.14
09.11.2005
Language corrections.
0.15
26.01.2006
New product versions updated.
Output and ring buffer bit level definitions changed. This definition is valid from samples v0.3
onwards. Register level changes in temperature output.
0.16
15.02.2006
Updated:
- absolute maximum ratings,
- temperature output equation,
- I
2C device address,
specification references
0.17
14.03.2006
Updated:
- recommended circuit diagrams, sections “Packing” and “Handling and storage” added
0.18
27.03.2006
Layout change
A
27.04.2006
Updated:
- recommended circuit diagrams,
- sections “Packing” and “Handling and storage”
- section “Specification references” updated and renamed to “Data sheet references”
MD threshold levels
A.01
27.06.2006
Updated:
- document name changed to "SCA3000 Product Family Specification"
- section "6.1 Package dimensions" updated
sections "7.4 Solder paste and stencil parameters" and "7.5 Reflow" updated to "7.4 Assembly
instructions"
- section "9.1 Packing and handling" updated to "7.5 Tape and reel specifications"
Contact information
A.02
30.6.2006
Order information added
A.03
11.9.2006
SCA3000-E04 information added
A.04
27.03.2007
Added:
- SCA3000-E04 wide band measurement mode,
- Typos corrected
- New product types: SCA3000-E05 and SCA3000-L01
A.05
01.06.2007
Added:
- New product type: SCA3000-D03
- I2C communication added for SCA3000-L01
A.06
30.10.2007
Corrections: typos, axis orientation
A.07
02.02.2009
Corrected recommended PWB layouts. Removed references to D03 and L01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com