Electronic Components Datasheet Search
  English  ▼

X  

SCA3000 Datasheet(PDF) 26 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 26 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 22Page - VTI technologies SCA3000 Datasheet HTML 23Page - VTI technologies SCA3000 Datasheet HTML 24Page - VTI technologies SCA3000 Datasheet HTML 25Page - VTI technologies SCA3000 Datasheet HTML 26Page - VTI technologies SCA3000 Datasheet HTML 27Page - VTI technologies SCA3000 Datasheet HTML 28Page - VTI technologies SCA3000 Datasheet HTML 29Page - VTI technologies SCA3000 Datasheet HTML 30Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
26/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
4.1.3.2
Example of decremented register read
Figure 8 presents a decremented read operation where the content of four output registers is read
by one SPI frame. After normal register addressing and one register content reading, the µC keeps
the CSB line low and continues supplying the SCK pulses. After every 8 SCK pulses, the output
data address is decremented by one and the previous acceleration output register's content is
shifted out without parity bits. The parity bit in Figure 4 is calculated and transferred only for the first
data frame. From the X_LSB register address, the SCA3000 jumps to Z_MSB. Decremented
reading is possible only for registers X_LSB ... Z_MSB.
Figure 8. An example of decremented read operation.
4.1.3.3
Example of ring buffer read
An example of output ring buffer read by one SPI frame (ring buffer data length 8 bits) is presented
in Figure 9. The whole ring buffer read procedure is very similar to decremented read described
above. The output ring buffer is addressed (register name BUF_DATA). The SCA3000 sensor
continues shifting out the ring buffer content as long as µC continues supplying the SCK pulses.
Figure 9. An example of output ring buffer read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com