Electronic Components Datasheet Search
  English  ▼

X  

EL7457CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL7457CS
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7457CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL7457CS Datasheet HTML 1Page - Elantec Semiconductor EL7457CS Datasheet HTML 2Page - Elantec Semiconductor EL7457CS Datasheet HTML 3Page - Elantec Semiconductor EL7457CS Datasheet HTML 4Page - Elantec Semiconductor EL7457CS Datasheet HTML 5Page - Elantec Semiconductor EL7457CS Datasheet HTML 6Page - Elantec Semiconductor EL7457CS Datasheet HTML 7Page - Elantec Semiconductor EL7457CS Datasheet HTML 8Page - Elantec Semiconductor EL7457CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
EL7457C
40MHz Non-Inverting Quad CMOS Driver
Typical Performance Curves (cont.)
100
1k
10k
0
2
8
10
12
6
4
Propagation Delay vs Supply Voltage
CL=1000pF, T=25°C
7.5
15.0
15
Supply Voltage (V)
3
5
25
5.0
Propagation ,Delay vs Temperature
CL=1000pF, VS+=15V
12
Temperature (°C)
4
6
18
Rise/Fall Time vs Load
VS+=15V, T=25°C
470
10000
60
Load Capacitance (pF)
5
0
2200
140
100
Supply Current Per Channel vs Capacitive Load
VS+=VH=10V, VS-=VL=0V, T=25°C, f=100kHz
Load Capacitance (pF)
6
20
10
10.0
12.5
0125
-50
50
14
16
10
8
1000
4700
120
100
80
40
20
tD2
tD1
-25
25
75
100
1M
10M
10k
100k
0.1
1.0
10
100
Supply Current Per Channel vs Frequency
CL=1000pF, T=25°C
Frequency (Hz)
7
VS+=15V
VS+=10V
VS+=5V
tF
tR
tD2
tD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com