Electronic Components Datasheet Search
  English  ▼

X  

EL7457CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL7457CS
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7457CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL7457CS Datasheet HTML 1Page - Elantec Semiconductor EL7457CS Datasheet HTML 2Page - Elantec Semiconductor EL7457CS Datasheet HTML 3Page - Elantec Semiconductor EL7457CS Datasheet HTML 4Page - Elantec Semiconductor EL7457CS Datasheet HTML 5Page - Elantec Semiconductor EL7457CS Datasheet HTML 6Page - Elantec Semiconductor EL7457CS Datasheet HTML 7Page - Elantec Semiconductor EL7457CS Datasheet HTML 8Page - Elantec Semiconductor EL7457CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
EL7457C
40MHz Non-Inverting Quad CMOS Driver
Electrical Characteristics
VS+ = +15V, VS- = 0V, VH = +15V, VL = 0V, TA = 25°C, unless otherwise specified
Parameter
Description
Condition
Min
Typ
Max
Units
Input
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
VIH = 5V
0.1
10
µ A
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
VIL = 0V
0.1
10
µ A
Cin
Input Capacitance
3.5
pF
Rin
Input Resistance
50
M
Ω
Output
ROV1
ON Resistance VH to OUT
IOUT = -100mA
3.5
5
Ω
ROV2
ON Resistance VL to OUT
IOUT = +100mA
3
5
Ω
Ileak
Output Leakage Current
VH = VS+, VL = VS-0.1
10
µ A
IPK
Peak Output Current
Source
2.0
A
Sink
2.0
A
Power Supply
IS
Power Supply Current
Inputs = VS+0.8
2
mA
Switching Characteristics
tR
Rise Time
CL = 1000pF
11
ns
tF
Fall Time
CL = 1000pF
12
ns
tRFdelta
tR, tF Mismatch
CL = 1000pF
1
ns
tD-1
Turn-Off Delay Time
CL = 1000pF
11.5
ns
tD-2
Turn-On Delay Time
CL = 1000pF
13
ns
tDdelta
tD-1 - tD-2 Mismatch
CL = 1000pF
1.5
ns
Tenable
Enable Delay Time
12
ns
Tdisable
Disable Delay Time
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com