Electronic Components Datasheet Search
  English  ▼

X  

EL7457CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL7457CS
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7457CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL7457CS Datasheet HTML 1Page - Elantec Semiconductor EL7457CS Datasheet HTML 2Page - Elantec Semiconductor EL7457CS Datasheet HTML 3Page - Elantec Semiconductor EL7457CS Datasheet HTML 4Page - Elantec Semiconductor EL7457CS Datasheet HTML 5Page - Elantec Semiconductor EL7457CS Datasheet HTML 6Page - Elantec Semiconductor EL7457CS Datasheet HTML 7Page - Elantec Semiconductor EL7457CS Datasheet HTML 8Page - Elantec Semiconductor EL7457CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
EL7457C
40MHz Non-Inverting Quad CMOS Driver
Absolute Maximum Ratings (T
A= 25°C)
Absolute maximum ratings are those values beyond which the device
could be permanently damaged. Absolute maximum ratings are stress
ratings only and functional device operation is not implied.
Supply Voltage (VS+ to GND)
+16.5V
Input Voltage
GND -0.3V, VS+ +0.3V
Continuous Output Current
100mA
Storage Temperature Range
-65°C to +150°C
Ambient Operating Temperature
-40°C to +85°C
Operating Junction Temperature
125°C
Power Dissipation:
See Curves
Maximum ESD
2kV
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS+ = +5V, VS- = -5V, VH = +5V, VL = -5V, TA = 25°C, unless otherwise specified
Parameter
Description
Condition
Min
Typ
Max
Units
Input
VIH
Logic “1” Input Voltage
2.0
V
IIH
Logic “1” Input Current
VIH = 5V
0.1
10
µ A
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
VIL = 0V
0.1
10
µ A
Cin
Input Capacitance
3.5
pF
Rin
Input Resistance
50
M
Ω
Output
ROV1
ON Resistance VH to OUTx
IOUT = -100mA
4.5
6
Ω
ROV2
ON Resistance VL to OUTx
IOUT = +100mA
4
6
Ω
ILeak
Output Leakage Current
VH = VS+, VL = VS-0.1
10
µ A
IPK
Peak Output Current
Source
2.0
A
Sink
2.0
A
Power Supply
IS
Power Supply Current
Inputs = VS+
0.5
1.5
mA
Switching Characteristics
tR
Rise Time
CL = 1000pF
13.5
ns
tF
Fall Time
CL = 1000pF
13
ns
tRFdelta
tR, tF Mismatch
CL = 1000pF
0.5
ns
tD-1
Turn-Off Delay Time
CL = 1000pF
12.5
ns
tD-2
Turn-On Delay Time
CL = 1000pF
14.5
ns
tDdelta
tD-1 - TD-2 Mismatch
CL = 1000pF
2
ns
Tenable
Enable Delay Time
12
ns
Tdisable
Disable Delay Time
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com