Electronic Components Datasheet Search
  English  ▼

X  

EL7457CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL7457CS
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7457CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL7457CS Datasheet HTML 4Page - Elantec Semiconductor EL7457CS Datasheet HTML 5Page - Elantec Semiconductor EL7457CS Datasheet HTML 6Page - Elantec Semiconductor EL7457CS Datasheet HTML 7Page - Elantec Semiconductor EL7457CS Datasheet HTML 8Page - Elantec Semiconductor EL7457CS Datasheet HTML 9Page - Elantec Semiconductor EL7457CS Datasheet HTML 10Page - Elantec Semiconductor EL7457CS Datasheet HTML 11Page - Elantec Semiconductor EL7457CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
EL7457C
40MHz Non-Inverting Quad CMOS Driver
Pin Description
Pin
Name
Function
Equivalent Circuit
1
INA
Input Channel A
2
OE
Output Enable
(Reference Circuit 1)
3
INB
Input Channel B
(Reference Circuit 1)
4
VL
Low Voltage Input Pin
5
GND
Input Logic Ground
6
NC
No Connection
7
INC
Input Channel C
(Reference Circuit 1)
8
IND
Input Channel D
(Reference Circuit 1)
9VS-
Negative Supply Voltage
10
OUTD
Output Channel D
11
OUTC
Output Channel C
(Reference Circuit 2)
12
VH
High Voltage Input Pin
13
NC
No Connection
14
OUTB
Output Channel B
(Reference Circuit 2)
15
OUTA
Output Channel A
(Reference Circuit 2)
16
VS+
Positive Supply Voltage
VS+
VS-
INPUT
Circuit 1
VH
OUTPUT
VL
Circuit 2
VS-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com