Electronic Components Datasheet Search
  English  ▼

X  

STP77N6F6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP77N6F6
Description  N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP77N6F6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP77N6F6 Datasheet HTML 2Page - STMicroelectronics STP77N6F6 Datasheet HTML 3Page - STMicroelectronics STP77N6F6 Datasheet HTML 4Page - STMicroelectronics STP77N6F6 Datasheet HTML 5Page - STMicroelectronics STP77N6F6 Datasheet HTML 6Page - STMicroelectronics STP77N6F6 Datasheet HTML 7Page - STMicroelectronics STP77N6F6 Datasheet HTML 8Page - STMicroelectronics STP77N6F6 Datasheet HTML 9Page - STMicroelectronics STP77N6F6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STP77N6F6
6/13
DocID024067 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM15844v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
200
100
0
0
4
VDS(V)
(A)
2
4V
VGS=7, 8, 9, 10, 11V
50
150
250
5V
6V
6
300
AM15845v1
ID
200
100
0
2
4
VGS(V)
6
(A)
3
5
7
50
150
250
VDS=5 V
8
9
10
300
AM15846v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
12
VDD=30V
ID=77A
AM15847v1
RDS(on)
6.0
4.0
2.0
0.0
0
40
ID(A)
(m
Ω)
8.0
VGS=10V
60
20
10.0
12.0
14.0
AM15848v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com