Electronic Components Datasheet Search
  English  ▼

X  

STP77N6F6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP77N6F6
Description  N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP77N6F6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP77N6F6 Datasheet HTML 3Page - STMicroelectronics STP77N6F6 Datasheet HTML 4Page - STMicroelectronics STP77N6F6 Datasheet HTML 5Page - STMicroelectronics STP77N6F6 Datasheet HTML 6Page - STMicroelectronics STP77N6F6 Datasheet HTML 7Page - STMicroelectronics STP77N6F6 Datasheet HTML 8Page - STMicroelectronics STP77N6F6 Datasheet HTML 9Page - STMicroelectronics STP77N6F6 Datasheet HTML 10Page - STMicroelectronics STP77N6F6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID024067 Rev 2
7/13
STP77N6F6
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs.
temperature
Figure 10. Normalized on-resistance vs.
temperature
Figure 11. Drain-source diode forward
characteristics
Figure 12. Normalized VDS vs. temperature
C
1000
100
0.1
10
VDS(V)
(pF)
1
Ciss
Coss
Crss
AM15849v1
VGS(th)
0.6
0.4
0.2
0
-50 -25
TJ(°C)
(norm)
0
25
ID=250µA
50
75
100 125
0.8
1
1.2
AM15850v1
RDS(on)
2
1
0
-50 -25
TJ(°C)
(norm)
0
25
0.5
1.5
VGS=10V
ID=38.5 A
75 100 125 150
AM15851v1
VSD
0
20
ISD(A)
(V)
10
30
40
0.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=150°C
TJ=25°C
50
60
1
AM15852v1
VDS
-50 -25
TJ(°C)
(norm)
0
0.9
0.95
1
1.05
1.1
75
50
100 125
25
ID=250µA
AM15853v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com