Electronic Components Datasheet Search
  English  ▼

X  

EM73201 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM73201
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
* This specification are subject to be changed without notice.
7.20.1999
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
The RESET pin is a hysteresis input pin and has a pull-up resistor avavailable by mask option.
The simplest RESET circuit is connect RESET pin with a capacitor to V
SS and a diode to VDD.
RESET
EM73201 I/O PORT DESCRIPTION :
Port
Input function
Output function
Note
0
E Input port , wakeup function
1
--
E with LED driving, P1.0 is shared with CLKOUT
2--
--
3--
--
4
--
I
Infrared signal control register
5
--
I
Infrared signal control register
6--
--
7
E Input port
E Output port
8
E Input port, external interrupt input
E Output port
9--
--
10
--
--
11
--
--
12
--
--
13
--
--
14
--
--
15
--
--
16
I
Sleep/Hold mode control register
17
--
18
--
19
--
20
--
21
I
WDT control register
22
--
23
--
24
--
25
I
Timebase control register
26
--
27
--
28
I
Timer/counter A control register
29
--
30
--
31
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com