Electronic Components Datasheet Search
  English  ▼

X  

EM73201 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM73201
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
LDIA #01H;
STATAM;
LDIA #0FH;
STATAH;
LDIA #1000B;
OUTA P28; enable timerA with internal pulse rate: XIN/210 Hz
NOTE: The preset value of timer/counter register is calculated as following procedure.
Internal pulse rate: XIN/210 ; XIN = 4MHz
The time of timer counter count one = 210 /XIN = 1024/4000=0.256ms
The number of internal pulse to get timer overflow = 60 ms/ 0.256ms = 234.375 = 0EAH
The preset value of timer/counter register = 1000H - 0EAH = 0F16H
PULSE WIDTH MEASUREMENT MODE
For the pulse width measurement mode, the counter only incresed by the rising edge of internal pulse rate as
external timer/counter input (P8.3/TRGA ), interrupt request will be generated as soon as timer/counter
overflow.
PROGRAM EXAMPLE: Enable timerA by pulse width measurement mode .
LDIA #1100B;
OUTA P28; Enable timerA with pulse width measurement mode.
INTERRUPT FUNCTION
There are 4 interrupt sources, 2 external interrupt sources, 2 internal interrupt sources . Multiple
interrupts are admitted according the priority .
Type
Interrupt source
Priority
Interrupt
Interrupt
Program ROM
Latch
Enable condition
entry address
External External interrupt(INT0)
1
IL5
EI=1
002h
Internal Reserved
2
IL4
EI=1, MASK3=1
004h
Internal TimerA overflow interrupt (TRGA) 3
IL3
EI=1, MASK2=1
006h
Internal Reserved
4
IL2
EI=1, MASK1=1
008h
Internal Time base interrupt(TBI)
5
IL1
00Ah
External External interrupt(INT1)
6
IL0
EI=1,MASK0=1
00Ch
Internal pulse
TimerA value
n
n+1
n+2
n+3
n+4
n+5
P8.3/TRGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com