Electronic Components Datasheet Search
  English  ▼

X  

EM73201 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM73201
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
0123
system reset
WDT control
WDT counter
WDT
command port
RESET pin
R
S
Q
F/F
counter clear request
P21
fc/2
17
P21 is the control port of watch-dog-timer, and the WDT time up signal is connected to reset pin, user can
use this time up signal (active low) to reset CPU and initialize system.
Program example:
To clear WDT with 7 x 217/fc detection time.
LDIA #0001B;
OUTA P21
; set WDT detection time and clear WDT counter
::
RESETTING FUNCTION
When CPU in normal working condition and RESET pin holds in low level for three instruction cycles
at least, then CPU begins to initialize the whole internal states, and when RESET pin changes to high
level, CPU begins to work in normal condition.
The CPU internal state during reset condition is as following table :
Hardware condition in RESET state
Initial value
Program counter
000h
Status flag
01h
Interrupt enable flip-flop ( EI )
00h
MASK0 ,1, 2, 3
00h
Interrupt latch(IL)
00h
P4, P5, P16, P25, P28
00h
P1, P7, P8
0Fh
XIN
Start oscillation
P21
3
2
1
0
initial value :0000
CWC
Clear watch-dog-timer counter
Clear counter then return to 1
Nothing
0
1
CWC
*
*
WDT
WDT
Set watch-dog-timer
detect time
0
1
7 x 217 /fc
3 x 217 /fc
System clock frequency
4MHz
32KHz
98ms
229ms
12sec
28sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com