Electronic Components Datasheet Search
  English  ▼

X  

EM73201AP Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EM73201AP
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201AP Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EM73201AP Datasheet HTML 20Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 21Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 22Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 23Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 24Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 25Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 26Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 27Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24
* This specification are subject to be changed without notice.
7.20.1999
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
APPLICATION CIRCUIT
V
SS
VDD
P0.3
P0.2
P0.1
P0.0
P7.3
P7.2
P7.1
P7.0
RESET
NC/XOUT
CLK/XIN
RC OSC
XOUT/NC
XIN/CLK
CRYSTAL OSC
P1.1
P1.2
P1.3
P8.0
P8.1
P8.2
P8.3
P1.0
INFRARED SIGNAL
EM73201
(4MHz)
XOUT
XIN
CRYSTAL OSC (32KHz)
R
C
C
C
C
C=20pF
Recommended values :
C = 100~150pF
R = 10K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com