Electronic Components Datasheet Search
  English  ▼

X  

EM73201AP Datasheet(PDF) 25 Page - ELAN Microelectronics Corp

Part # EM73201AP
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201AP Datasheet(HTML) 25 Page - ELAN Microelectronics Corp

Back Button EM73201AP Datasheet HTML 21Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 22Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 23Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 24Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 25Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 26Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 27Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 28Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 29Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
PAD DIAGRAM
Chip Size : 1820 µm x 1510 µm
PadNo.
Symbol
X
Y
1
P8.0
-301.5
661.2
2
P8.3
-465.9
661.2
3
P7.0
-661.2
661.2
4
P7.1
-818.2
603.1
5
P7.2
-818.2
405.1
6
P7.3
-818.2
240.7
7
P1.0
-818.2
59.8
8
P1.1
-829.2
-650.5
9
P1.2
-706.2
-650.5
10
P1.3
-583.0
-650.5
11
V
SS
-457.4
-636.4
12
P0.0
-298.0
-651.4
13
P0.1
705.5
-651.4
14
P0.2
828.4
-651.4
15
P0.3
814.7
-454.3
16
TEST
814.7
-303.0
17
XIN
790.1
194.6
18
XOUT
790.1
374.5
19
P8.1
692.1
643.1
20
RESET
564.5
643.1
21
P8.2
433.8
643.1
22
V
DD
-123.2
661.2
Unit : µm
Note : For PCB layout, IC substrate must be floated, or connect to V
SS .
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Y
X
(0,0)
EM73201
P7.0
P7.1
P7.2
P7.3
P1.0
P1.1
P1.2 P1.3
P0.0
P0.1
P0.2
P0.3
TEST
XIN
XOUT
P8.0
P8.1
P8.2
P8.3
VDD
RESET
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com