Electronic Components Datasheet Search
  English  ▼

X  

EM73201AP Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM73201AP
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201AP Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM73201AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 13Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 14Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 17Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
* This specification are subject to be changed without notice.
7.20.1999
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
P8.3/TRGA
TimerA value
n
n+1
n+2
n+3
n+4
n+5
n+6
Internal pulse
TimerA value
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7
INTERNAL PULSE-RATE SELECTION
IPSA
Function description
0 0
XIN/2
Hz
0 1
XIN/2
Hz
1 0
XIN/2
Hz
1 1
XIN/2
Hz
10
14
18
22
TIMER/COUNTER FUNCTION
EVENT COUNTER MODE
For event counter mode, timer/counter increases one at any rising edge of P8.3/TRGA for timerA. When
timerA counts overflow, it will give interrupt control an interrupt request TOFIA.
PROGRAM EXAMPLE: Enable timerA with P28.
LDIA #0100B;
OUTA P28; Enable timerA with event counter mode
TIMER MODE
For timer mode ,timer/counter increase one at any rising edge of internal pulse . User can choose 4 kinds
of internal pulse rate by setting IPSA for timerA.
When timer/counter counts overflow, TRGA will be generated to interrupt control unit.
PROGRAM EXAMPLE: To generate TRGA interrupt request after 60 ms with system clock XlN=4MHz
LDIA #0100B;
EXAE; enable mask 2
EICIL 110111B; interrupt latch ←0, enable EI
LDIA #06H;
STATAL;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com