Electronic Components Datasheet Search
  English  ▼

X  

EM83040B Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM83040B
Description  LCD CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040B Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM83040B Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 11Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
* This specification are subject to be changed without notice.
EM83040B
LCD CONTROLLER
8
9.14.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Fig.5
As same as write mode , user has to sent address three times. And read data from RAM one by one which
address can be increased by internal counter. NOTE!! Be sure to make RAMR low pulse 2
µS (Tdv+data)
width and 2
µS (Tdd) high width at least.
(5) RAM mapping
RAM address is from 0 to address 2559
User fill “1” to LCD RAM , LCD driver will generate “light” waveform. Otherwise , it will generate a
“dark” waveform. The LCD RAM area is mapped to segment 1 to segment 80 from address 0 to address
19. And user can refer to fig.5 to get the idea of LCD ram mapping. The other RAM can use as general
RAM for data storage. And the RAM of address 2560 is a control register.
address2559 ...................
address0031 ...................
address0063 ...................
address0051 ................... ..................................... ..........................
address1023 ...................
address1535 ...................
address2047 ...................
address2547 ......................................................................................................................... address2528
address2035 ......................................................................................address2019...............address2016
address1523 ............................................................address1511........................................address1504
address1011 .......................address1003 ............................................................................. address0992
LCD RAM
Area 10
Area 11
Area 9
Area 8
Area 5
Area 6
Area 7
Area 4
Area 3
Area 2
Area 1
Address 2560,2561
2562 Control register
Address 2560,2561,2562
Control register
EMPTY AREA
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
................................... address0032
address0019 ...................
b3 b2 b1 b0 ...................
s80s79s78s77
s4 s3 s2 s1
s48
s32
s16
address0011................ address7........... address0003............... address0000
COM80
COM64
COM48
COM32
COM2
COM1
b3 b2 b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com