Electronic Components Datasheet Search
  English  ▼

X  

EM83040B Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM83040B
Description  LCD CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040B Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM83040B Datasheet HTML 14Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 15Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 16Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 17Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 18Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 19Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 20Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 21Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 22Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
* This specification are subject to be changed without notice.
9.14.2001
EM83040B
LCD CONTROLLER
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
PAD DIAGRAM
Chip Size : 3890
µm x 2500 µm
Pad No.
Sym.
X
Y
1
MAIN
-1370.0
1120.0
2
M1
-1480.0
1120.0
3
M0
-1590.0
1120.0
4
ENB(EN)
-1700.0
1120.0
5
6
7
8
9
RAMENB(RAMEN)
-1820.0
1065.0
10
RAMADS
-1820.0
955.0
11
RAMW
-1820.0
845.0
12
RAMR
-1820.0
735.0
13
RAMD_3_
-1820.0
630.0
14
RAMD_2_
-1820.0
525.0
15
RAMD_1_
-1820.0
420.0
16
RAMD_0_
-1820.0
315.0
17
LOAD
-1820.0
210.0
18
VDD
-1820.0
105.0
20
GND
-1820.0
0.0
(0,0)
1
2
3
4
9
RAMENB
10
RAMADS
11
RAMW
12
RAMR
13
RAMD_3_
14
RAMD_2_
15
RAMD_1_
16
RAMD_0_
17
LOAD
18
VDD
19
GND
20
VOUT
21
VSS4
22
VSS3
23
CB
24
CA
25
VSS2A
26
VSS2B
27
VV1
28
V2
29
VREG
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
74
OP_30_
75
OP_31_
76
OP_32_
77
OP_33_
78
OP_34_
79
OP_35_
80
OP_36_
81
OP_37_
82
OP_38_
83
OP_39_
84
OP_40_
85
OP_41_
86
OP_42_
87
OP_43_
88
OP_44_
89
OP_45_
90
OP_46_
91
OP_47_
92
OP_48_
93
OP_49_
94
OP_50_
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com