Electronic Components Datasheet Search
  English  ▼

X  

EM83040B Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM83040B
Description  LCD CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040B Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM83040B Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 11Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 12Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 13Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
* This specification are subject to be changed without notice.
EM83040B
LCD CONTROLLER
10
9.14.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
(7) Control register
Address
Bit3
Bit2
Bit1
Bit0
2560
IRS
IR2
IR1
IR0
2561
REG3
REG2
REG1
REG0
2562
PS1
PS0
REG5
REG4
X: don’t care
Default status of Address 2560,2561 and 2562, respectively: 0010, 0000, 0000
Address 2562 bit3~2(PS1, PS0) be selected:
Use settings
PS1
PS0
Step-up
V
V/F
External
circuit
regulator
circuit
voltage input
circuit
Only the internal power
supply is used
1
1
Ο
OO
X
Only the V regulator
circuit and the V/F circuit
1
0
X
O
O
VOUT
are used
Only the V/F circuit is
used
0
1
X
X
O
V1
Only the external power
supply is used
0
0
X
X
X
V1 to V5
Address 2562 bit1~0 and 2561 bit3~0 (Reg5~Reg0) is selected the VEV value
REG5~REG0
V
EV
V
EV step
000000
1.2 V
000001
1.212 V
↓↓
011111
1.572 V
0.012V
100000
1.584 V
↓↓
111110
1.944 V
111111
1.956 V
V 1
Ra
Rb
VREG
V EV
VOUT
Fig.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com