Electronic Components Datasheet Search
  English  ▼

X  

EM83040B Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM83040B
Description  LCD CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040B Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM83040B Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 11Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 12Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 13Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 14Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
* This specification are subject to be changed without notice.
9.14.2001
EM83040B
LCD CONTROLLER
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Address 2560 bit3 (IRS) is internal resistor selected
IRS=0: internal regulator resistor is used.
IRS=1: internal regulator resistor is not used. (External resistor is used)
Address 2560 bit0~2(IR2, IR1, IR0) is selected for the V1 voltage regulator internal resistance ratio
IR2~IR0
Resistor ratio (1+Rb/Ra)
0 0 0
3.0
0 0 1
3.5
0 1 0
4.0
0 1 1
4.5
1 0 0
5.0
1 0 1
5.5
1 1 0
6.0
1 1 1
6.5
The V1 voltage can be calculated using equation A over the range where VDD < V1
≤ VOUT
V1=(1+Rb/Ra) • V
EV *(94%~97%) (Equation A)
(94%~97%) depend on loading
Example: Default: IRS=0 (internal regulator resistor is used), (IR2, IR1, IR0)=(0, 1, 0), and (REG5~0)=(000000)
V1=(1+Rb/Ra) • V
EV*(94%~97%)=4.0 • 1.2*(94%~97%)= 4.51 V~4.65V
When IRS=0 (internal regulator resistor is used), (IR2, IR1, IR0)=(0, 1, 1), and (REG5~0)=(100000)
V1=(1+Rb/Ra) • V
EV*(94%~97%)=4.5 • 1.584*(94%~97%)= 6.7~6.91 V
FIG. 8 show the V1 voltage measured by values of the internal resistance ratio resistor (1+Rb/Ra) for V1 voltage
adjustment and electric volume resister (REG5~REG0).
FIG. 8 The output voltage V1 is determined by function of the V1 voltage regulator ratio register (1+Rb/Ra), and
the electric volume resister (REG5~REG0).
(8) The step-up voltage circuit
Case of the double step-up, the triple step-up and Case of the quad step-up VOUT is output voltage pin the bias
voltage V1 is supported from VREG.
(a) Double step-up, (b) Triple step-up, (c) Quad step-up (d) five times step-up C1=0.47 to 1.0£gf, C2=1.0 to
4.7uf
(a) VOUT=2*VDD
(b) VOUT=3*VDD
(c) VOUT=4*VDD
(d) VOUT=5*VDD
FIG. 9
VOUT
VSS4
VSS3
CB
CA
VSS2+
VSS2-
VREG
V1
V2
V3
V4
V5
C2
C2
C1
C2
C2
C2
C1
VOUT
VSS4
VSS3
CB
CA
VSS2+
VSS2-
VREG
V1
V2
V3
V4
V5
C2
C2
C2
C2
C1
VOUT
VSS4
VSS3
CB
CA
VSS2+
VSS2-
VREG
V1
V2
V3
V4
V5
C2
C2
C2
C2
C1
VOUT
VSS4
VSS3
CB
CA
VSS2+
VSS2-
VREG
V1
V2
V3
V4
V5
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com