Electronic Components Datasheet Search
  English  ▼

X  

EM91440C Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM91440C
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91440C Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM91440C Datasheet HTML 1Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 2Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 3Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 4Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 5Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 6Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 7Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 8Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
EM91440 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR
4
* This specification are subject to be changed without notice.
10.1.1997
Symbol
Function
HKS
Control signal inputs pin that is corresponding hook switch status. When handset was
left from cradle, this pin must be connected to “Low” level to operate all functions.
Otherwise, this pin must be connected to “High” level to disable all function and
prevent power consumption.
PO
Pulse signal outputs pin that is NMOS open-drain output structure. Normally, this pin
stays “High impedance” level. In Pulse dialing mode and keypad was entry. This pin
will output pulse trains signal that is corresponding to keyboard 0 .. 9 keys.
HDO
Hold function output that is CMOS structure.Normally, this pin stays “Low” level.
When Hold function is executing, this pin will output “High” level. This pin is
designed to drive LED or peripheral circuit to indicate line is at Hold status.
SDO
SDO function output that is NMOS open-drain structure. When there is a valid entry
on keyboard, this pin will output a serial data. This serial data is designed to drive LCD
driver to display dialing number on LCD screen or drive voice synthesizer to announce
dialing number to speaker.
DRING
The ring signal detect input pin which is internal pull up (built-in 100 Kohms resistor).
While the Tel-ring is incoming, this pin must be connected to “Low” with delay to
indicate the ringing . Otherwise, this pin must be connected to “High” level .
RMUTE
Ring mute output pin that is NMOS open-drain structure. The RMUTE pin is
designed to control microphone of handset to prevent the illegal dialing from pocket
dialer. If the DRING pin is at “High” level , then Off-Hook or turn on Handfree , this
pin will output “Low” level. In other words, the DRING pin is used to check the phone
that receives an incoming call (DRING =Low input) or make an outgoing call
(DRING= High input) . If the phone user make an outgoing call ,then RMUTE pin
activated to prevent the illegal dialing from pocket dialer in the particular application.The
RMUTE can be restored to “High” level when the first key entry is not the optioned
lock-number .
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com