Electronic Components Datasheet Search
  English  ▼

X  

EM91440C Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM91440C
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91440C Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM91440C Datasheet HTML 4Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 5Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 6Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 7Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 8Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 9Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 10Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 11Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EM91440 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR
8
* This specification are subject to be changed without notice.
10.1.1997
Operating flow chart
<Note> : HF = Handfree
HD = Hold
Truth table
Operating state
Input/Output pin level
HKS
PO
XMUTE
HFO
HDO
(0) On-hook, idle state
H
F
F
L
L
(1) Off-hook line
L
F
F
L
L
(2) Off-hook, HF line
L
F
F
H
L
(3) On-hook, HF line
H
F
F
H
L
(4) Off-hook, HD line
L
F
L
L
H
(5) On-hook, HD line
H
F
L
L
H
Note : F=floating (high impedance); H=logic “High”; L=logic “Low” level.
Music on Hold
EM91440 series built-in a melody generator to generate dual-tone music on DTMF output pin. The music is
designed for telephone line at line holding.
SDO (Serial Data Output) function
The SDO is serial data output which format is same as UART protocol. SDO function is designed to drive LCD
driver and voice synthesizer. So the dialing numbers can be display on LCD screen with EM32100 (or EM32116
). The SDO signal consists of two start bits, six data bits and two stop bits. Each bit time is about 3.9 ms (256 Hz)
and output sequences are following by start bits, data bits (LSB to MSB) and stop bits.
0
1
bit 0
bit1
bit2
bit3
bit4
bit5
ready
start bits
data bits
0
1
stop bits
1
On-hook State
2
Off-hook State
4
On-hook
Hand-free State
HKS=Lo
HKS=Lo
HKS=Hi
HF
HF
HD
HF
HD
6
On-hook
Hold-line State
3
Off-hook
Hand-free State
HF
HF
HF
HD
HKS=Hi
HKS=Lo
5
Off-hook
Hold-line State
HD
HD
HKS=Hi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com